PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
PTF10009 |
85 Watts, 1.0 GHz GOLDMOS?/a> Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOS⑩ Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOSField Effect Transistor 85 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
MJD42C ON2003 MJD74C MJD41C-1 MJD41CT4 MJD41C |
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS From old datasheet system DPAK For Surface Mount Applications SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS 20 WATTS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semi Motorola, Inc.
|
PTB20030 |
15 Watts, 42070 MHz RF Power Transistor 15 Watts, 420-470 MHz RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PTB20031 |
40 Watts, 42070 MHz RF Power Transistor 40 Watts, 420-470 MHz RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
RFP-400-100R RFP-800-100R |
Flanged Resistors 400 Watts, 100ohm Flanged Resistors 400 Watts, 100 ohm
|
Anaren Microwave
|
PTF10007 |
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 35瓦,1.0 GHz的GOLDMOS场效应晶体管 35 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor 35 Watts 1.0 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
PTB20038 |
25 Watts, 86000 MHz Cellular Radio RF Power Transistor 25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PTF102027 |
40 Watts, 92560 MHz GOLDMOS Field Effect Transistor 40 WATTS, 925-960 MHZ GOLDMOS FIELD EFFECT TRANSISTOR
|
Ericsson Microelectronics
|
UTV120 UTV200 |
12 Watts, 26.5 Volts, Class A UHF Television - Band IV & V COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
|
GHZTECH[GHz Technology]
|
K100N50X4 |
Half Flange Termination 100 Watts, 50楼? Half Flange Termination 100 Watts, 50Ω
|
Anaren Microwave
|
PTB20145 |
9 Watts, 91560 MHz Cellular Radio RF Power Transistor 9 Watts, 915-960 MHz Cellular Radio RF Power Transistor 9瓦,915-960兆赫蜂窝无线电射频功率晶体管
|
Ericsson Microelectronics ERICSSON[Ericsson]
|